Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1045D Datasheet (PDF) - STMicroelectronics

STPS1045D Datasheet PDF - STMicroelectronics
Part # STPS1045D
Download  STPS1045D Download
File Size   87.27 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER SCHOTTKY RECTIFIER

STPS1045D Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS1045D Datasheet PDF - STMicroelectronics

Part # STPS1045D
Download  STPS1045D Click to download

File Size   87.27 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER SCHOTTKY RECTIFIER

STPS1045D Datasheet (HTML) - STMicroelectronics


STPS1045D Product details

IF(AV) 10 A
VRRM 45 V
VF 0.57 V

DESCRIPTION
Single chip Schottky rectifier suited for Switch Mode Power Supply and high frequency DC to DC converters. This device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications.

FEATURES AND BENEFITS
■ VERY SMALL CONDUCTION LOSSES
■ NEGLIGIBLE SWITCHING LOSSES
■ EXTREMELY FAST SWITCHING
■ LOW FORWARD VOLTAGE DROP
■ INSULATED PACKAGE: ISOWATT220AC,TO-220FPAC
    Insulating voltage = 2000V DC
    Capacitance = 12pF
■ AVALANCHE CAPABILITY SPECIFIED




Similar Part No. - STPS1045D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
100Kb / 8P
Power Schottky rectifier
22-Mar-2007
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
100Kb / 8P
Power Schottky rectifier
22-Mar-2007
STPS1045DEE STMICROELECTRONICS-STPS1045DEE Datasheet
91Kb / 8P
Power Schottky rectifier
09-Sep-2012
STPS1045DEE STMICROELECTRONICS-STPS1045DEE Datasheet
356Kb / 9P
45 V, 10 A power Schottky rectifier
18-May-2022
STPS1045DEE-TR STMICROELECTRONICS-STPS1045DEE-TR Datasheet
356Kb / 9P
45 V, 10 A power Schottky rectifier
18-May-2022
More results


Similar Description - STPS1045D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
Power Schottky rectifier
15-Feb-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com