Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28 Datasheet (PDF) - STMicroelectronics

VIPER28 Datasheet PDF - STMicroelectronics
Part # VIPER28
Download  VIPER28 Download
File Size   1079.6 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Off-line high voltage converters

VIPER28 Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER28 Datasheet PDF - STMicroelectronics

Part # VIPER28
Download  VIPER28 Click to download

File Size   1079.6 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Off-line high voltage converters

VIPER28 Datasheet (HTML) - STMicroelectronics


VIPER28 Product details

Description

The device is an off-line converter with an 800 V rugged power section, a PWM control, two levels of over-current protection, over-voltage and overload protections, hysteretic thermal protection, soft-start and safe auto-restart after any fault condition removal. Burst mode operation and device very low consumption help to meet the standby energy saving regulations.



Features

■ 800 V avalanche rugged power section

■ PWM operation with adjustable limiting current

■ 30 mW stand-by power at 265 Vac

■ Operating frequency:

– 60 kHz for L type

– 115 kHz for H type

■ Frequency jittering for low EMC

■ Output overvoltage protection

■ High primary current protection (2nd OCP)

■ Extra power timer for peak current management

■ On-board soft-start

■ Safe auto-restart after a fault condition

■ Hysteretic thermal shutdown



Application

■ Auxiliary power supply for consumer and home equipment

■ ATX auxiliary power supply

■ Low / medium power AC-DC adapters

■ SMPS for set-top boxes, DVD players and recorders, white goods




Similar Part No. - VIPER28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER28HD STMICROELECTRONICS-VIPER28HD Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER28HDTR STMICROELECTRONICS-VIPER28HDTR Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER28HE STMICROELECTRONICS-VIPER28HE Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER28HN STMICROELECTRONICS-VIPER28HN Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER28LD STMICROELECTRONICS-VIPER28LD Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
More results


Similar Description - VIPER28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
VIPER27LN STMICROELECTRONICS-VIPER27LN Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER28HDTR STMICROELECTRONICS-VIPER28HDTR Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER15 STMICROELECTRONICS-VIPER15 Datasheet
1Mb / 40P
Off-line high voltage converters
27-Aug-2010
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com