Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3002NT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MMG3002NT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MMG3002NT1
Download  MMG3002NT1 Download
File Size   340.26 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMG3002NT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMG3002NT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MMG3002NT1
Download  MMG3002NT1 Click to download

File Size   340.26 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMG3002NT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MMG3002NT1 Product details

Heterojunction Bipolar Transistor Technology (InGaP HBT)
Broadband High Linearity Amplifier

The MMG3002NT1 is a General Purpose Amplifier that is internally input and output matched. It is designed for a broad range of Class A, small-signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 40 to 3600 MHz such as Cellular, PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general small-signal RF.

Features
• Frequency: 40-3600 MHz
• P1dB: 21 dBm @ 900 MHz
• Small-Signal Gain: 20 dB @ 900 MHz
• Third Order Output Intercept Point: 37.5 dBm @ 900 MHz
• Single Voltage Supply
• Internally Matched to 50 Ohms
• Low Cost SOT-89 Surface Mount Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 12 mm, 7 inch Reel.




Similar Part No. - MMG3002NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMG3002NT1 MOTOROLA-MMG3002NT1 Datasheet
208Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1 Datasheet
559Kb / 16P
Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3002NT1 NXP-MMG3002NT1 Datasheet
493Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 12, 9/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
Heterojunction Bipolar Transistor
More results


Similar Description - MMG3002NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com