Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33993 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33993 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33993
Download  MC33993 Download
File Size   1185.38 Kbytes
Page   28 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Multiple Switch Detection Interface

MC33993 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33993 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33993
Download  MC33993 Click to download

File Size   1185.38 Kbytes
Page   28 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Multiple Switch Detection Interface

MC33993 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33993 Product details

Multiple Switch Detection Interface



The 33993 Multiple Switch Detection Interface is designed to detect the closing and opening of up to 22 switch contacts. The switch status, either open or closed, is transferred to the microprocessor unit (MCU) through a serial peripheral interface (SPI). The device also features a 22-to-1 analog multiplexer for reading inputs as analog. The analog input signal is buffered and provided on the AMUX output pin for the MCU to read.

The 33993 device has two modes of operation, Sleep and Normal.

The Sleep mode provides low quiescent current and enables the wake-up features of the device. Normal mode allows programming of the device and supplies switch contacts with pull-up or pull-down current as it monitors switch change of state.

The 33993 is packaged in the 32-pin wide-body SOIC, reducing circuit board area. Low quiescent current makes the 33993 ideal for automotive and industrial products requiring low sleep state currents.



Features

• Designed to Operate 5.5 V ≤ VPWR ≤ 26 V

• Switch Input Voltage Range -14 V to VPWR, 40 V Max

• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI Protocol

• Selectable Wake-Up on Change of State

• Selectable Wetting Current (16 mA or 2.0 mA)

• 8 Programmable Inputs (Switches to Battery or Ground)

• 14 Switch-to-Ground Inputs

• VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA Typical

• Active Interrupt (INT) on Change-of-Switch State

• Pb-Free Packaging Designated by Suffix Code EW



 




Similar Part No. - MC33993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
MC33993DWB MOTOROLA-MC33993DWB Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993DWB FREESCALE-MC33993DWB Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
Motorola, Inc
MC33993DWB/R2 MOTOROLA-MC33993DWB/R2 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993DWBR2 FREESCALE-MC33993DWBR2 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
More results


Similar Description - MC33993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
22 channel multiple switch detection interface
Rev. 4, 7/2019
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com