Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33996 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33996 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33996
Download  MC33996 Download
File Size   1433.32 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16 Output Switch with SPI Control

MC33996 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33996 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33996
Download  MC33996 Click to download

File Size   1433.32 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16 Output Switch with SPI Control

MC33996 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33996 Product details

The 33996 is a 16-output low side switch with a 24-bit serial input control. It is designed for a variety of applications including inductive, incandescent, and LED loads. The Serial Peripheral Interface (SPI) provides both input control and diagnostic readout. A Pulse Width Modulation (PWM) control input is provided for pulse width modulation of multiple outputs at the same duty cycle. A dedicated reset input provides the ability to clear all internal registers and turn all outputs off.

Features
• Designed to operate 5.0V < VPWR < 27V
• 24 Bit SPI for control and fault reporting, 3.3/5.0V compatible
• Outputs are current limited (0.9 to 2.5A) to drive incandescent lamps
• Output voltage clamp of +50V during inductive switching
• On/Off control of open load detect current (LED application)
• VPWR standby current < 10μA
• RDS(ON) of 0.55Ω at 25°C typical
• Independent over-temperature protection
• Output selectable for PWM control
• Output ON short-to-VBAT and off short-to-ground/open detection
• Pb-free packaging designated by suffix code EK




Similar Part No. - MC33996

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
16-Output Switch with SPI Control
logo
Freescale Semiconductor...
MC33996EK FREESCALE-MC33996EK Datasheet
610Kb / 23P
16-Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
610Kb / 23P
16-Output Switch with SPI Control
More results


Similar Description - MC33996

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
16-Output Switch with SPI and PWM Control
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
16-Output Switch with SPI Control
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
16-Output Switch with SPI and PWM Control
33996 FREESCALE-33996 Datasheet
610Kb / 23P
16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
Six-Output Low-Side Switch with SPI and Parallel Input Control
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
16-Output Switch with SPI and PWM Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com