Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34700 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34700 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34700
Download  MC34700 Download
File Size   822.29 Kbytes
Page   31 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 9 to 18V, Quad Output, Integrated MOSFET Power Supply

MC34700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34700 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34700
Download  MC34700 Click to download

File Size   822.29 Kbytes
Page   31 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 9 to 18V, Quad Output, Integrated MOSFET Power Supply

MC34700 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34700 Product details

The 34700 is a compact, high-efficiency power supply with on-chip power MOSFETs that features three step-down switching regulators and one low dropout linear regulator. The switching regulators utilize voltage mode control with external compensation, allowing flexibility in optimizing the performance of the 34700 for a given application.

The 34700 is ideal for space constrained applications where multiple power rails are required and simplicity of design and implementation of the power supply is necessary. Over-voltage, under-voltage, over-current, and over-temperature protection features ensure robust and reliable operation. Fixed switching frequency, internal soft-start, and internal power MOSFETs enable rapid power supply design and development



Features

• Three switching regulators: 2 synchronous and 1 non synchronous

• One low dropout linear regulator

• Output current capability:

   • 1.5 A continuous on channel 1

   • 1.25 A continuous on channels 2 and 3

   • 400 mA continuous on channel 4

   • Internal power MOSFETs on all channels

• Voltage feed-forward on channel 1

• ±1.5% Output voltage accuracy on all channels

• Cycle-by-cycle current limit and short-circuit protection

• Fixed 800 kHz switching frequency

• Internal soft-start

• Over-voltage, under-voltage and over-temperature protection

• Open-drain power-good output signal

• Separate active-high enable input for each channel

• Pb-free packaging designated by suffix code EP



Typical Applications:

• Set Top Boxes and Receivers

• Cable Modems

• Networking Cards

• Telecom Line Cards



 




Similar Part No. - MC34700

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700_09 Datasheet
1Mb / 28P
9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results


Similar Description - MC34700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
250W Quad Output Power Supply
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700_09 Datasheet
1Mb / 28P
9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
Quad Output DC Power Supply
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
Quad-Output Power Supply
logo
Rohm
BD9C301FJ ROHM-BD9C301FJ Datasheet
978Kb / 22P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD95861MUVEVK-101 ROHM-BD95861MUVEVK-101 Datasheet
861Kb / 11P
7.5V to 18V, 6A Integrated MOSFET
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com