Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC145170-2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC145170-2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC145170-2
Download  MC145170-2 Download
File Size   1157.87 Kbytes
Page   32 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Frequency Synthesizer with Serial Interface

MC145170-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145170-2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC145170-2
Download  MC145170-2 Click to download

File Size   1157.87 Kbytes
Page   32 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Frequency Synthesizer with Serial Interface

MC145170-2 Datasheet (HTML) - Freescale Semiconductor, Inc


MC145170-2 Product details

Introduction

The new MC145170-2 is pin-for-pin compatible with the MC145170-1. A comparison of the two parts is shown in Table 1 on page 2. The MC145170-2 is recommended for new designs and has a more robust power-on reset (POR) circuit that is moreresponsive to momentary power supply interruptions. The two devices are actually the same chip with mask options for the POR circuit. The more robust POR circuit draws approximately 20 µA additional supply current. Note that the maximum specification of 100 µA quiescent supply current has not changed.



• Operating Voltage Range: 2.7 to 5.5 V
• Maximum Operating Frequency:
    185 MHz @ Vin = 500 mVpp, 4.5 V Minimum Supply
    100 MHz @ Vin = 500 mVpp, 3.0 V Minimum Supply
• Operating Supply Current:
    0.6 mA @ 3.0 V, 30 MHz
    1.5 mA @ 3.0 V, 100 MHz
    3.0 mA @ 5.0 V, 50 MHz
    5.8 mA @ 5.0 V, 185 MHz
• Operating Temperature Range: -40 to 85°C
• R Counter Division Range: 1 and 5 to 32,767
• N Counter Division Range: 40 to 65,535
• Programs through Standard Serial Peripheral Interface (SPI)
• See Application Notes AN1207/D and AN1671/D
• Contact Freescale for MC145170 control software.




Similar Part No. - MC145170-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
PLL Frequency Synthesizer with Serial Interface
More results


Similar Description - MC145170-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
PLL Frequency Synthesizer with Serial Interface
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
PLL Frequency Synthesizer with Serial Interface CMOS
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com