Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3011NT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MMG3011NT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MMG3011NT1
Download  MMG3011NT1 Download
File Size   305.43 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor (InGaP HBT)

MMG3011NT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMG3011NT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MMG3011NT1
Download  MMG3011NT1 Click to download

File Size   305.43 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor (InGaP HBT)

MMG3011NT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MMG3011NT1 Product details

0--6000 MHz, 15 dB 15 dBm InGaP HBT

The MMG3011NT1 is a general purpose amplifier that is internally input and output matched. It is designed for a broad range of Class A, small--signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 0 to 6000 MHz such as cellular, PCS , BWA , WLL , PHS , CATV, VHF, UHF, U M T S and general small--signal RF.

Features
• Frequency: 0 to 6000 MHz
• P1dB: 15 dBm @ 900 MHz
• Small--Signal Gain: 15 dB @ 900 MHz
• Third Order Output Intercept Point: 28 dBm @ 900 MHz
• Single 5 Volt Supply
• Internally Matched to 50 Ohms
• Cost--effective SOT--89 Surface Mount Package
• In Tape and Reel. T1 Suffix = 1000 Units, 12 mm Tape Width, 7 inch Reel.




Similar Part No. - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
362Kb / 15P
Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
Heterojunction Bipolar Transistor
More results


Similar Description - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
Heterojunction Bipolar Transistor(InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
Heterojunction Bipolar Transistor (InGaP HBT)
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
Heterojunction Bipolar Transistor (InGaP HBT)
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
Heterojunction Bipolar Transistor (InGaP HBT)
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com