Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3015NT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MMG3015NT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MMG3015NT1
Download  MMG3015NT1 Download
File Size   264.05 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMG3015NT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMG3015NT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MMG3015NT1
Download  MMG3015NT1 Click to download

File Size   264.05 Kbytes
Page   15 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

MMG3015NT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MMG3015NT1 Product details

0--6000 MHz, 15.5 dB 20.5 dBm InGaP HBT

The MMG3015NT1 is a general purpose amplifier that is internally input and output matched. It is des igned for a broad range of C lass A, small--signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 0 to 6000 MHz such as cellular, PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general small--signal RF.

Features
• Frequency: 0--6000 MHz
• P1dB: 20.5 dBm @ 900 MHz
• Small Signal Gain: 15.5 dB @ 900 MHz
• Third Order Output Intercept Point: 36 dBm @ 900 MHz
• Single 5 Volt Supply
• Active Bias Control
• Internally Matched to 50 Ohms
• Cost--effective SOT--89 Surface Mount Package
• In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7 inch Reel.




Similar Part No. - MMG3015NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3015NT1 FREESCALE-MMG3015NT1 Datasheet
316Kb / 15P
Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
logo
Freescale Semiconductor...
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
Heterojunction Bipolar Transistor
More results


Similar Description - MMG3015NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com