Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151015 Datasheet (PDF) - Renesas Technology Corp

HD151015 Datasheet PDF - Renesas Technology Corp
Part # HD151015
Download  HD151015 Download
File Size   203.16 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9 bit Level Shifter/Transceiver With 3 State Outputs

HD151015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD151015 Datasheet PDF - Renesas Technology Corp

Part # HD151015
Download  HD151015 Click to download

File Size   203.16 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9 bit Level Shifter/Transceiver With 3 State Outputs

HD151015 Datasheet (HTML) - Renesas Technology Corp


HD151015 Product details

Description
The HD151015 is an IC which consists of 9 bus transceivers (three state output) in a 24 pin package. Signals are transmitter from A to B when the direction control input (DiR) is at a high level, and from B to A when DiR is at a low level. When the enable input (G) is high, A and B are isolated. And this product has two terminals (VCCA, VCCB), VCCA is connected with control input and A bus side, VCCB is connected with B bus side. VCCA and VCCB are isolated. Consequently, it is best to change the level in case of two supply voltage coexist on one board and application of power management.

Features
• This product function as level shift transceiver that change VCCA input level to VCCB output level, VCCB input level to VCCA output level by providing different supply voltages to VCCA and VCCB.
• This product is able to the power management : Turn on and off the supply on VCCB side with providing the supply of VCCA. (Enable input (G) : High level)
• Inputs and outputs are CMOS level, and the power dissipation is the same as CMOS standard logic.
• Wide operating supply voltage range: VCCA = VCCB = 2 to 6 V (VCCB ≥ VCCA – 0.5 V)
• Wide operating temperature range: Ta = –40 to 85°C




Similar Part No. - HD151015

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
9 bit Level Shifter/Transceiver With 3 State Outputs
More results


Similar Description - HD151015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
4-Bit Shifter with 3-STATE Outputs
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
9-Bit Bidirectional Transceiver with 3-STATE Outputs
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Motorola, Inc
MC74AC350 MOTOROLA-MC74AC350 Datasheet
232Kb / 9P
4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com