Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29029 Datasheet (PDF) - Renesas Technology Corp

HD29029 Datasheet PDF - Renesas Technology Corp
Part # HD29029
Download  HD29029 Download
File Size   87.09 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual CCD Drivers

HD29029 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD29029 Datasheet PDF - Renesas Technology Corp

Part # HD29029
Download  HD29029 Click to download

File Size   87.09 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual CCD Drivers

HD29029 Datasheet (HTML) - Renesas Technology Corp


HD29029 Product details

Description
The HD29029 is optimum for CCD drive and has two drivers in a package. The input circuit is operated at TTL level. The outputs are capable of source or sink currents of 0.5 A.

Features
• High-speed operation 7 ns typ in transition times (tTLH, tTHL) at CL = 200 pF
• No external components needed because direct drive is available at TTL level inputs
• Output swing voltage: 12 V
• Sink/Sourse currents: 0.5 A (for each)
• Output cross voltage: 50% typ




Similar Part No. - HD29029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
Dual CCD Drivers
More results


Similar Description - HD29029

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
logo
List of Unclassifed Man...
HD29026A ETC-HD29026A Datasheet
47Kb / 12P
Dual CCD Drivers
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
CCD Clock Drivers
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
Dual CCD Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com