Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC1G17 Datasheet (PDF) - Renesas Technology Corp

HD74LVC1G17 Datasheet PDF - Renesas Technology Corp
Part # HD74LVC1G17
Download  HD74LVC1G17 Download
File Size   2282.23 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Schmitt-trigger Buffer

HD74LVC1G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC1G17 Datasheet PDF - Renesas Technology Corp

Part # HD74LVC1G17
Download  HD74LVC1G17 Click to download

File Size   2282.23 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Schmitt-trigger Buffer

HD74LVC1G17 Datasheet (HTML) - Renesas Technology Corp


HD74LVC1G17 Product details

Description

The HD74LVC1G17 has a Schmitt-trigger buffer in a 5-pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.



Features

•  The basic gate function is lined up as Renesas uni logic series.

•  Supply voltage range : 1.65 to 5.5 V

   Operating temperature range: –40 to +85°C

•  All inputs:  VIH(Max.) = 5.5 V (@VCC= 0 V to 5.5 V)

   All outputs:  VO(Max.) = 5.5 V (@VCC= 0 V)

•  Output current:  ±4 mA (@VCC= 1.65 V)

                         ±8 mA (@VCC= 2.3 V)

                         ±24 mA (@VCC= 3.0 V)

                         ±32 mA (@VCC= 4.5 V)




Similar Part No. - HD74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G02 RENESAS-HD74LVC1G02 Datasheet
2Mb / 9P
2-input NOR Gate
HD74LVC1G02CLE RENESAS-HD74LVC1G02CLE Datasheet
2Mb / 9P
2-input NOR Gate
HD74LVC1G02CPE RENESAS-HD74LVC1G02CPE Datasheet
2Mb / 9P
2-input NOR Gate
HD74LVC1G04 RENESAS-HD74LVC1G04 Datasheet
106Kb / 9P
Inverter
HD74LVC1G04CLE RENESAS-HD74LVC1G04CLE Datasheet
106Kb / 9P
Inverter
More results


Similar Description - HD74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
Schmitt-trigger Inverter Buffer
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17 Datasheet
89Kb / 16P
Single Schmitt trigger buffer
Rev. 06-27 August 2007
logo
Renesas Technology Corp
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A Datasheet
159Kb / 5P
HEX SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
Triple Schmitt-Trigger Buffer
logo
Nexperia B.V. All right...
74AHCT17A NEXPERIA-74AHCT17A Datasheet
181Kb / 13P
Hex buffer Schmitt trigger
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com