Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC1G97 Datasheet (PDF) - Renesas Technology Corp

HD74LVC1G97 Datasheet PDF - Renesas Technology Corp
Part # HD74LVC1G97
Download  HD74LVC1G97 Download
File Size   2197.53 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Configurable Multiple-Function Gate

HD74LVC1G97 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC1G97 Datasheet PDF - Renesas Technology Corp

Part # HD74LVC1G97
Download  HD74LVC1G97 Click to download

File Size   2197.53 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Configurable Multiple-Function Gate

HD74LVC1G97 Datasheet (HTML) - Renesas Technology Corp


HD74LVC1G97 Product details

Description
The HD74LVC1G97 has configurable multiple–function gate in a 6-pin package. The Output state is determined by eight patterns of 3–bit input. The user can choose the logic functions AND, NAND, OR, NOR, INVERTER, Non–Invert Buffer, Data Selector. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
    Operating temperature range: –40 to +85°C
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
    All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current:
    ±4 mA (@VCC = 1.65 V)
    ±8 mA (@VCC = 2.3 V)
    ±24 mA (@VCC = 3.0 V)
    ±32 mA (@VCC = 4.5 V)
• All the logical input has hysteresis voltage for the slow transition.




Similar Part No. - HD74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G98 RENESAS-HD74LVC1G98 Datasheet
2Mb / 11P
Configurable Multiple-Function Gate
HD74LVC1G98CLE RENESAS-HD74LVC1G98CLE Datasheet
2Mb / 11P
Configurable Multiple-Function Gate
HD74LVC1G98CPE RENESAS-HD74LVC1G98CPE Datasheet
2Mb / 11P
Configurable Multiple-Function Gate
More results


Similar Description - HD74LVC1G97

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com