Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC573A Datasheet (PDF) - Renesas Technology Corp

HD74LVC573A Datasheet PDF - Renesas Technology Corp
Part # HD74LVC573A
Download  HD74LVC573A Download
File Size   195.37 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Transparent Latches with 3-state Outputs

HD74LVC573A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC573A Datasheet PDF - Renesas Technology Corp

Part # HD74LVC573A
Download  HD74LVC573A Click to download

File Size   195.37 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Transparent Latches with 3-state Outputs

HD74LVC573A Datasheet (HTML) - Renesas Technology Corp


HD74LVC573A Product details

Description
The HD74LVC573A has eight D type latches with three state outputs in a 20 pin package. When the latch enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. Low voltage and high-speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC573A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC573A HITACHI-HD74LVC573A Datasheet
51Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
More results


Similar Description - HD74LVC573A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com