Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVCZ244A Datasheet (PDF) - Renesas Technology Corp

HD74LVCZ244A Datasheet PDF - Renesas Technology Corp
Part # HD74LVCZ244A
Download  HD74LVCZ244A Download
File Size   103.08 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Buffers / Line Drivers with 3-state Outputs

HD74LVCZ244A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVCZ244A Datasheet PDF - Renesas Technology Corp

Part # HD74LVCZ244A
Download  HD74LVCZ244A Click to download

File Size   103.08 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Buffers / Line Drivers with 3-state Outputs

HD74LVCZ244A Datasheet (HTML) - Renesas Technology Corp


HD74LVCZ244A Product details

Description
The HD74LVCZ244A has eight line drivers with three state outputs in a 20 pin package. This device is a noninverting buffer and has two active low enables (1G and 2G). Each enable independently controls four buffers.

Features
• VCC = 2.7 to 5.5 V
• All inputs VIH (Max) = 5.5 V (@VCC = 0 to 5.5 V)
• All outputs VO (Max) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High impedance state during power up and power down
• Power off disables outputs, permitting live insertion
• High output current ±24 mA (@VCC = 3.0 to 5.5 V)




Similar Part No. - HD74LVCZ244A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVCZ244A HITACHI-HD74LVCZ244A Datasheet
56Kb / 11P
Octal Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ244AFPEL RENESAS-HD74LVCZ244AFPEL Datasheet
122Kb / 11P
Octal Buffers / Line Drivers with 3?뱒tate Outputs
HD74LVCZ244ATELL RENESAS-HD74LVCZ244ATELL Datasheet
122Kb / 11P
Octal Buffers / Line Drivers with 3?뱒tate Outputs
HD74LVCZ244A RENESAS-HD74LVCZ244A_15 Datasheet
122Kb / 11P
Octal Buffers / Line Drivers with 3?뱒tate Outputs
More results


Similar Description - HD74LVCZ244A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74BC244A RENESAS-HD74BC244A Datasheet
120Kb / 9P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com