Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVCZ245A Datasheet (PDF) - Renesas Technology Corp

HD74LVCZ245A Datasheet PDF - Renesas Technology Corp
Part # HD74LVCZ245A
Download  HD74LVCZ245A Download
File Size   105.73 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Bidirectional Transceivers with 3-state Outputs

HD74LVCZ245A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVCZ245A Datasheet PDF - Renesas Technology Corp

Part # HD74LVCZ245A
Download  HD74LVCZ245A Click to download

File Size   105.73 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Bidirectional Transceivers with 3-state Outputs

HD74LVCZ245A Datasheet (HTML) - Renesas Technology Corp


HD74LVCZ245A Product details

Description
The HD74LVCZ245A has eight buffers with three state outputs in a 20 pin package.

Features
• VCC = 2.7 to 5.5 V
• All inputs VIH (Max) = 5.5 V (@VCC = 0 to 5.5 V)
• All inputs / outputs VI / O (Max) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High impedance state during power up and power down
• Power off disables outputs, permitting live insertion
• High output current ±24 mA (@VCC = 3.0 to 5.5 V)




Similar Part No. - HD74LVCZ245A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ245AFPEL RENESAS-HD74LVCZ245AFPEL Datasheet
124Kb / 11P
Octal Bidirectional Transceivers with 3?뱒tate Outputs
HD74LVCZ245ATELL RENESAS-HD74LVCZ245ATELL Datasheet
124Kb / 11P
Octal Bidirectional Transceivers with 3?뱒tate Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results


Similar Description - HD74LVCZ245A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
Octal Bidirectional Transceivers with 3?뱒tate Outputs
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com