Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVCZ16244A Datasheet (PDF) - Renesas Technology Corp

HD74LVCZ16244A Datasheet PDF - Renesas Technology Corp
Part # HD74LVCZ16244A
Download  HD74LVCZ16244A Download
File Size   99.68 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-bit Buffers / Line Drivers with 3-state Outputs

HD74LVCZ16244A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVCZ16244A Datasheet PDF - Renesas Technology Corp

Part # HD74LVCZ16244A
Download  HD74LVCZ16244A Click to download

File Size   99.68 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-bit Buffers / Line Drivers with 3-state Outputs

HD74LVCZ16244A Datasheet (HTML) - Renesas Technology Corp


HD74LVCZ16244A Product details

Description
The HD74LVCZ16244A has sixteen line drivers with three state outputs in a 48 pin package. This device is a non inverting buffer and has four active low enables (1G to 4G). Each enable independently controls four buffers.

Features
• VCC = 2.7 to 5.5 V
• All inputs VIH (Max) = 5.5 V (@VCC = 0 to 5.5 V)
• All outputs VO (Max) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High impedance state during power up and power down
• Power off disables outputs, permitting live insertion
• High output current ±24 mA (@VCC = 3.0 to 5.5 V)




Similar Part No. - HD74LVCZ16244A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16244A RENESAS-HD74LVCZ16244A_15 Datasheet
119Kb / 10P
16?밷it Buffers / Line Drivers with 3?뱒tate Outputs
More results


Similar Description - HD74LVCZ16244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ACT16244 TI-SN54ACT16244 Datasheet
110Kb / 7P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com