Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS161A Datasheet (PDF) - Renesas Technology Corp

HD74LS161A Datasheet PDF - Renesas Technology Corp
Part # HD74LS161A
Download  HD74LS161A Download
File Size   106.28 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous 4-bit Binary Counter (direct clear)

HD74LS161A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LS161A Datasheet PDF - Renesas Technology Corp

Part # HD74LS161A
Download  HD74LS161A Click to download

File Size   106.28 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous 4-bit Binary Counter (direct clear)

HD74LS161A Datasheet (HTML) - Renesas Technology Corp


HD74LS161A Product details

This synchronous 4-bit binary counter features an internal carry look-ahead for application in high-speed counting designs. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs changes coincident with each other when so instructed by the count-enable inputs and internal gating. This mode is operation eliminates the output counting spikes that are normally associated with asynchronous (ripple clock) counters. A buffered clock input triggers the four flip-flops on the rising (positive-going) edge of the clock input waveform. This counter is fully programmable; that is, the output may be preset to either level. As presetting is synchronous, setting up a low level at the load input disables the counter and causes the outputs to agree with the setup data after the next clock pulse regardless of the levels of the enable inputs. Low-to-high transitions at the load input should be avoided when the clock is low if the enable inputs are high at or before the transition. The clear function is asynchronous and a low level at the clear input sets all four of the flip-flop outputs low regardless of the levels of clock, load, or enable inputs. The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional getting. Instrumental in accomplishing this function are two count-enable inputs and a ripple carry output. Both count-enable inputs (P and T) must be high to count, and input T is fed forward to enable the ripple carry output. The ripple carry output thus enabled will produced a high-level output pulse with a duration approximately equal to the high-level portion of the QA output. This high-level overflow ripple carry pulse can be used to enable successive cascaded stages. High-to-low-level transitions at the enable P or T inputs should occur only when the clock input is high.



 




Similar Part No. - HD74LS161A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
Synchronous 4-bit Binary Counters(direct clear)
HD74LS161A HITACHI-HD74LS161A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results


Similar Description - HD74LS161A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
Synchronous 4-bit Binary Counters(direct clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
Synchronous 4-bit Binary Counter (Synchronous Clear)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com