Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV06A Datasheet (PDF) - Renesas Technology Corp

HD74LV06A Datasheet PDF - Renesas Technology Corp
Part # HD74LV06A
Download  HD74LV06A Download
File Size   93.64 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverter Buffers / Drivers with Open Drain Outputs

HD74LV06A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV06A Datasheet PDF - Renesas Technology Corp

Part # HD74LV06A
Download  HD74LV06A Click to download

File Size   93.64 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverter Buffers / Drivers with Open Drain Outputs

HD74LV06A Datasheet (HTML) - Renesas Technology Corp


HD74LV06A Product details

Description
The HD74LV06A has six inverter buffers / drivers with open drain outputs in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 2.0 V to 5.5 V, Output “Z” state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±8 mA (@VCC = 3.0 V to 3.6 V), ±16 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV06A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV06AFPEL RENESAS-HD74LV06AFPEL Datasheet
125Kb / 10P
Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74LV06ARPEL RENESAS-HD74LV06ARPEL Datasheet
125Kb / 10P
Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74LV06ATELL RENESAS-HD74LV06ATELL Datasheet
125Kb / 10P
Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
Hex Inverter Buffers / Drivers with Open Drain Outputs
More results


Similar Description - HD74LV06A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
Hex Inverter Buffers/Drivers With Open-Drain Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com