Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LV10A Datasheet (PDF) - Renesas Technology Corp

HD74LV10A Datasheet PDF - Renesas Technology Corp
Part # HD74LV10A
Download  HD74LV10A Download
File Size   68.54 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 3-input Positive NAND Gates

HD74LV10A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV10A Datasheet PDF - Renesas Technology Corp

Part # HD74LV10A
Download  HD74LV10A Click to download

File Size   68.54 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 3-input Positive NAND Gates

HD74LV10A Datasheet (HTML) - Renesas Technology Corp


HD74LV10A Product details

Description
The HD74LV10A performs the Boolean functions Y = A•B•C or Y = A+B+C in positive logic.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV10A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
Triple 3-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LV10AFPEL RENESAS-HD74LV10AFPEL Datasheet
92Kb / 10P
Triple 3-input Positive NAND Gates
HD74LV10ARPEL RENESAS-HD74LV10ARPEL Datasheet
92Kb / 10P
Triple 3-input Positive NAND Gates
HD74LV10ATELL RENESAS-HD74LV10ATELL Datasheet
92Kb / 10P
Triple 3-input Positive NAND Gates
HD74LV10A RENESAS-HD74LV10A_15 Datasheet
92Kb / 10P
Triple 3-input Positive NAND Gates
More results


Similar Description - HD74LV10A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10_07 Datasheet
664Kb / 17P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com