Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2912 Datasheet (PDF) - Renesas Technology Corp

2SK2912 Datasheet PDF - Renesas Technology Corp
Part # 2SK2912
Download  2SK2912 Download
File Size   95.62 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET High Speed Power Switching

2SK2912 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2912 Datasheet PDF - Renesas Technology Corp

Part # 2SK2912
Download  2SK2912 Click to download

File Size   95.62 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET High Speed Power Switching

2SK2912 Datasheet (HTML) - Renesas Technology Corp


2SK2912 Product details

Silicon N Channel MOS FET

High Speed Power Switching



Features

•  Low on-resistance

   RDS= 15 mΩtyp.

•  High speed switching

•  4 V gate drive device can be driven from 5 V source




Similar Part No. - 2SK2912

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2912 HITACHI-2SK2912 Datasheet
53Kb / 10P
Silicon N Channel MOS FET High Speed Power Switching
2SK2912L HITACHI-2SK2912L Datasheet
53Kb / 10P
Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2912L ISC-2SK2912L Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK2912S HITACHI-2SK2912S Datasheet
53Kb / 10P
Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2912S ISC-2SK2912S Datasheet
399Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com