Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SK319 Datasheet (PDF) - Renesas Technology Corp

3SK319 Datasheet PDF - Renesas Technology Corp
Part # 3SK319
Download  3SK319 Download
File Size   100.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier

3SK319 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK319 Datasheet PDF - Renesas Technology Corp

Part # 3SK319
Download  3SK319 Click to download

File Size   100.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier

3SK319 Datasheet (HTML) - Renesas Technology Corp


3SK319 Product details

Features
• Low noise characteristics;
   (NF= 1.4 dB typ. at f= 900 MHz)
• Excellent cross modulation characteristics
• Capable low voltage operation; +B= 5V




Similar Part No. - 3SK319

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
More results


Similar Description - 3SK319

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK309 HITACHI-3SK309 Datasheet
59Kb / 11P
GaAs N Channel Dual Gate MES FET UHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK318 HITACHI-3SK318 Datasheet
54Kb / 9P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
Silicon N-Channel MOS FET UHF Power Amplifier
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com