Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2655 Datasheet (PDF) - Renesas Technology Corp

2SD2655 Datasheet PDF - Renesas Technology Corp
Part # 2SD2655
Download  2SD2655 Download
File Size   69.4 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon NPN Epitaxial Planer Low Frequency Power Amplifier

2SD2655 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2655 Datasheet PDF - Renesas Technology Corp

Part # 2SD2655
Download  2SD2655 Click to download

File Size   69.4 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon NPN Epitaxial Planer Low Frequency Power Amplifier

2SD2655 Datasheet (HTML) - Renesas Technology Corp


2SD2655 Product details

Features
• Small size package: MPAK (SC–59A)
• Large Maximum current: IC = 1 A
• Low collector to emitter saturation voltage: VCE(sat) = 0.3 V max.(at IC/IB = 0.5 A/0.05 A)
• High power dissipation: PC = 800 mW (when using alumina ceramic board (25 x 60 x 0.7 mm))
• Complementary pair with 2SB1691




Similar Part No. - 2SD2655

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
2SD2655 TOSHIBA-2SD2655 Datasheet
75Kb / 6P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
logo
Renesas Technology Corp
2SD2655 RENESAS-2SD2655 Datasheet
107Kb / 7P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
2SD2655WM-TL-E RENESAS-2SD2655WM-TL-E Datasheet
107Kb / 7P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
2SD2655WM-TL-H RENESAS-2SD2655WM-TL-H Datasheet
107Kb / 7P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
More results


Similar Description - 2SD2655

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1244 PANASONIC-2SD1244 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1934 PANASONIC-2SD1934 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2249 PANASONIC-2SD2249 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
logo
Toshiba Semiconductor
2SD2655 TOSHIBA-2SD2655 Datasheet
75Kb / 6P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
logo
Renesas Technology Corp
2SB1691 RENESAS-2SB1691 Datasheet
77Kb / 5P
Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
Rev.2.00, Dec.09.2004,
2SB1691 RENESAS-2SB1691_11 Datasheet
94Kb / 6P
Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
2SD2655 RENESAS-2SD2655_11 Datasheet
107Kb / 7P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
2SB1691 RENESAS-2SB1691_15 Datasheet
160Kb / 6P
Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
2SD2655 RENESAS-2SD2655_15 Datasheet
152Kb / 7P
Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com