Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4PF20V Datasheet (PDF) - STMicroelectronics

STS4PF20V Datasheet PDF - STMicroelectronics
Part # STS4PF20V
Download  STS4PF20V Download
File Size   267.63 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET

STS4PF20V Datasheet (PDF)

Go To PDF Page Download Datasheet
STS4PF20V Datasheet PDF - STMicroelectronics

Part # STS4PF20V
Download  STS4PF20V Click to download

File Size   267.63 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET

STS4PF20V Datasheet (HTML) - STMicroelectronics


STS4PF20V Product details

DESCRIPTION
This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature Size™" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.090 Ω @ 4.5 V
■ TYPICAL RDS(on) = 0.100 Ω @ 2.7 V
■ ULTRA LOW THRESHOLD GATE DRIVE (2.7 V)
■ STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY

APPLICATIONS
■ MOBILE PHONE APPLICATIONS
■ DC-DC CONVERTERS
■ BATTERY MANAGEMENT IN NOMADIC EQUIPMENT




Similar Part No. - STS4PF20V

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
STS4.3LF260QG CIT-STS4.3LF260QG Datasheet
264Kb / 2P
Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Sensirion AG Switzerlan...
STS40 SENSIRION-STS40 Datasheet
574Kb / 15P
4 th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 3.0 - June 2024
STS40-AD1B SENSIRION-STS40-AD1B Datasheet
537Kb / 14P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
STS40-BD1B SENSIRION-STS40-BD1B Datasheet
537Kb / 14P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
STS40-CD1B SENSIRION-STS40-CD1B Datasheet
537Kb / 14P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
More results


Similar Description - STS4PF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2001
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Aug-2002
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET™ II POWER MOSFET
May-2002
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
May-2003
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
13-Nov-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com