Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30245 Datasheet (PDF) - Renesas Technology Corp

M30245 Datasheet PDF - Renesas Technology Corp
Part # M30245
Download  M30245 Download
File Size   2683.02 Kbytes
Page   266 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30245 Datasheet (PDF)

Go To PDF Page Download Datasheet
M30245 Datasheet PDF - Renesas Technology Corp

Part # M30245
Download  M30245 Click to download

File Size   2683.02 Kbytes
Page   266 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30245 Datasheet (HTML) - Renesas Technology Corp


M30245 Product details

The M30245 group is a 16-bit microcomputer based on the M16C family core technology that uses a high performance silicon gate CMOS process with an M16C/62 Series CPU core. It comes packaged in a 100-pin molded plastic LQFP. They are single-chip USB peripheral microcontrollers that operate at Full Speed (12 Mbps) and are compliant with the Universal Serial Bus (USB) Version 2.0 specification. They also include many built-in peripherals including: A/D converter, Timers, UARTs, Serial Sound Interface, I2C, DMAC, CRC and more. These microcontrollers operate using sophisticated instructions featuring a high level of instruction efficiency, making them capable of executing instructions at high speed.



Features

Number of instructions................................ 91

Shortest instruction execution time.............62.5ns f(XIN)=16MHz, Vcc=3V with no wait

USB features:..............................................Supports full-speed operation (12 Mbps)

                                               3.25K programmable FIFO, 9 endpoints

                                            Integrated transceiver

                                           Conforms to USB V 2.0 Specification

Frequency synthesizer ................................ PLL for 48MHz clock

Memory capacity ..........................................64K ROM / 5K RAM (M30245M8-XXXGP)

                                                  128K ROM / 10K RAM (M30245MC-XXXGP)

                                                 128K Flash /10K RAM (M30245FCGP)

Supply voltage .............................................3.0 to 3.6V (f(XIN)=16MHz)

Processor modes.......................................Single chip, Memory expansion, Microprocessor

Interrupts .....................................................31 internal and 5 external interrupt sources

                                                4 software interrupt sources

                                              7 levels (including key input interrupt X 8)

Multifunction 16-bit timer............................. 5 16-bit timers

Serial Communication................................ 2 X 7/8/9, 2 X 7/8/9/16/24/32 bits

Configurable for synchronous or asynchronous mode,

Serial Sound Interface, I2C Bus

DMAC........................................................... 4 channels

A/D Converter............................................... 10 bits X 8 channels

CRC calculation circuit................................ 2 polynomials with MSB/LSB selectable

Watchdog timer........................................... 1 line

Key-on wake up........................................... 8 inputs

Programmable I/O....................................... 82 lines

AND flash control circuit..............................Built-in

Clock-generating circuit.............................. 2 built-in clock generation circuits

(built-in feedback resistor, and external ceramic or quartz oscillator)




Similar Part No. - M30245

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30245 MITSUBISHI-M30245 Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30245 RENESAS-M30245 Datasheet
3Mb / 367P
RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
logo
Mitsubishi Electric Sem...
M30245F4-XXXFP MITSUBISHI-M30245F4-XXXFP Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F4-XXXGP MITSUBISHI-M30245F4-XXXGP Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F8-XXXFP MITSUBISHI-M30245F8-XXXFP Datasheet
98Kb / 13P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M30245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com