Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKZ-KP Datasheet (PDF) - Renesas Technology Corp

RKZ-KP Datasheet PDF - Renesas Technology Corp
Part # RKZ-KP
Download  RKZ-KP Download
File Size   83.16 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Planar Zener Diode for Surge Absorption

RKZ-KP Datasheet (PDF)

Go To PDF Page Download Datasheet
RKZ-KP Datasheet PDF - Renesas Technology Corp

Part # RKZ-KP
Download  RKZ-KP Click to download

File Size   83.16 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Planar Zener Diode for Surge Absorption

RKZ-KP Datasheet (HTML) - Renesas Technology Corp


RKZ-KP Product details

Features
• High ESD-Capability 30 kV, human body model (IEC61000-4-2).
• Wide zener voltage range from 6.2 V through 8.2 V.
• Halogen free, Environmental friendly Package include Conformity to RoHS Directive.
• Ultra small Package (0.6mm × 0.3mm Size leadless type).




Similar Part No. - RKZ-KP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KK RENESAS-RKZ-KK Datasheet
75Kb / 6P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Similar Description - RKZ-KP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ6.8TKJ RENESAS-RKZ6.8TKJ Datasheet
56Kb / 5P
Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8TKK RENESAS-RKZ6.8TKK Datasheet
56Kb / 5P
Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4KT RENESAS-RKZ6.8Z4KT Datasheet
91Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
Silicon Planar Zener Diode for Surge Absorption
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com