Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8DNF3LL Datasheet (PDF) - STMicroelectronics

STS8DNF3LL Datasheet PDF - STMicroelectronics
Part # STS8DNF3LL
Download  STS8DNF3LL Download
File Size   269.91 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET

STS8DNF3LL Datasheet (PDF)

Go To PDF Page Download Datasheet
STS8DNF3LL Datasheet PDF - STMicroelectronics

Part # STS8DNF3LL
Download  STS8DNF3LL Click to download

File Size   269.91 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET

STS8DNF3LL Datasheet (HTML) - STMicroelectronics


STS8DNF3LL Product details

Description
This application specific Power MOSFET is the second generation of STMicroelectronics unique "Single Feature Size™" strip-based process. The resulting transistor shows the best trade-off between on-resistance and gate charge. When used as high and low side in buck regulators, it gives the best performance in terms of both conduction and switching losses. This is extremely important for motherboards where fast switching and high efficiency are of paramount importance.

General features
■ Optimal RDS(on) x Qg trade-off @ 4.5V
■ Conduction losses reduced
■ Switching losses reduced

Applications
■ Switching application




Similar Part No. - STS8DNF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
logo
VBsemi Electronics Co.,...
STS8DNF3LL VBSEMI-STS8DNF3LL Datasheet
947Kb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
STMicroelectronics
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
More results


Similar Description - STS8DNF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Nov-2001
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
logo
Advanced Analogic Techn...
STS9NF30L ANALOGICTECH-STS9NF30L_02 Datasheet
284Kb / 8P
N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
N-channel 30V - 0.0085Ω - 11A SO-8 Low gate charge STripFET??II Power MOSFET
12-Jan-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com