Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ534 Datasheet (PDF) - Renesas Technology Corp

2SJ534 Datasheet PDF - Renesas Technology Corp
Part # 2SJ534
Download  2SJ534 Download
File Size   88.86 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon P Channel MOS FET

2SJ534 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ534 Datasheet PDF - Renesas Technology Corp

Part # 2SJ534
Download  2SJ534 Click to download

File Size   88.86 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon P Channel MOS FET

2SJ534 Datasheet (HTML) - Renesas Technology Corp


2SJ534 Product details

Description
High speed power switching

Features
• Low on-resistance RDS (on) = 0.050 Ω typ.
• Low drive current.
• 4 V gate drive devices.
• High speed switching.




Similar Part No. - 2SJ534

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SJ534 VBSEMI-2SJ534 Datasheet
932Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SJ534 ISC-2SJ534 Datasheet
297Kb / 2P
isc P-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SJ534 RENESAS-2SJ534_15 Datasheet
108Kb / 10P
Silicon P Channel MOS FET
More results


Similar Description - 2SJ534

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ547 RENESAS-2SJ547 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
Silicon P Channel MOS FET
2SJ553 RENESAS-2SJ553 Datasheet
96Kb / 9P
Silicon P Channel MOS FET
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
Silicon P Channel MOS FET
2SJ505 RENESAS-2SJ505 Datasheet
97Kb / 9P
Silicon P Channel MOS FET
2SJ533 RENESAS-2SJ533 Datasheet
88Kb / 8P
Silicon P Channel MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com