Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC4020 Datasheet (PDF) - Renesas Technology Corp

HD74HC4020 Datasheet PDF - Renesas Technology Corp
Part # HD74HC4020
Download  HD74HC4020 Download
File Size   94.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-stage Binary Counter

HD74HC4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC4020 Datasheet PDF - Renesas Technology Corp

Part # HD74HC4020
Download  HD74HC4020 Click to download

File Size   94.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-stage Binary Counter

HD74HC4020 Datasheet (HTML) - Renesas Technology Corp


HD74HC4020 Product details

Description

The HD74HC4020 is a 14 stage counter. This device is incremented on the falling edge (negative transition) of the input clock, and all its output is reset to a low level by applying a logical high on its reset input.



Features

•  High Speed Operation: tpd(Clock to Q1) = 14 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC4020

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4020 HITACHI-HD74HC4020 Datasheet
53Kb / 9P
14-stage Binary Counter
logo
Renesas Technology Corp
HD74HC4020FPEL RENESAS-HD74HC4020FPEL Datasheet
114Kb / 9P
14-stage Binary Counter
HD74HC4020P RENESAS-HD74HC4020P Datasheet
114Kb / 9P
14-stage Binary Counter
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
14-stage Binary Counter
More results


Similar Description - HD74HC4020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
14-stage binary counter
January 1995
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
14 Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
14-stage Binary Counter
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
14 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
NXP Semiconductors
HEF4020B NXP-HEF4020B_08 Datasheet
88Kb / 13P
14-stage binary counter
Rev. 04-4 December 2008
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
14-stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
14-stage binary counter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com