Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC4543P Datasheet (PDF) - Renesas Technology Corp

HD74HC4543P Datasheet PDF - Renesas Technology Corp
Part # HD74HC4543P
Download  HD74HC4543P Download
File Size   118.94 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BCD-to-Seven Segment Latch/Decoder/Driver

HD74HC4543P Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC4543P Datasheet PDF - Renesas Technology Corp

Part # HD74HC4543P
Download  HD74HC4543P Click to download

File Size   118.94 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BCD-to-Seven Segment Latch/Decoder/Driver

HD74HC4543P Datasheet (HTML) - Renesas Technology Corp


HD74HC4543P Product details

Description

This circuit contains a 4-bit latch, BCD-to-7 segment decoder, and 7 output drivers. Data on the input pins flow through to the output when the Latch Disable (LE) is high and is latched on the high to low transition of the LE input. The Phase input (Ph) controls the polarity of the 7 segment outputs. When Ph is low the outputs are true 7 segment, and when Ph is high the outputs are inverted 7 segment. When the Phase input is driven by a liquid crystal display (LCD) backplane waveform the segment pins output the correct segment waveform for proper LCD AC drive voltages.

In addition a Blanking input (BI) is provided, which will blank the display.



Features

• High Speed Operation: tpd (A, B, C, D to a – g) = 33 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC4543P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
296Kb / 11P
BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Similar Description - HD74HC4543P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
Oct-2002
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com