Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HCT620 Datasheet (PDF) - Renesas Technology Corp

HD74HCT620 Datasheet PDF - Renesas Technology Corp
Part # HD74HCT620
Download  HD74HCT620 Download
File Size   206.9 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Bus Transceivers (with inverted 3-state outputs)

HD74HCT620 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT620 Datasheet PDF - Renesas Technology Corp

Part # HD74HCT620
Download  HD74HCT620 Click to download

File Size   206.9 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Bus Transceivers (with inverted 3-state outputs)

HD74HCT620 Datasheet (HTML) - Renesas Technology Corp


HD74HCT620 Product details

Description
This octal bus transceiver is designed for asynchronous two-way communication between data buses. The control function implementation allows for maximum flexibility in timing.

Features
• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility
• High Speed Operation: tpd (Bus to Bus) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads (QA to QH outputs)
• Wide Operating Voltage: VCC = 4.5 to 5.5 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HCT620

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
Octal Bus Transceivers (with inverted 3-state outputs)/
More results


Similar Description - HD74HCT620

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
Octal Bus Transceivers(with inverted 3-state outputs)
HD74HC651 HITACHI-HD74HC651 Datasheet
55Kb / 9P
Octal Bus Transceivers/Registers(with inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
Octal Bus Transceivers (with inverted 3-state outputs)/
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
Octal Bus Transceivers(inverted 3-state outputs)
HD74LS645 HITACHI-HD74LS645 Datasheet
71Kb / 7P
Octal Bus Transceivers(non-inverted 3-state outputs)
logo
Renesas Technology Corp
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
Octal Bus Transceivers (inverted 3-state outputs)
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
Octal Bus Transceivers (with inverted 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com