Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66238FP Datasheet (PDF) - Renesas Technology Corp

M66238FP Datasheet PDF - Renesas Technology Corp
Part # M66238FP
Download  M66238FP Download
File Size   151.8 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Standard Clock Generator with PLL Frequency Synthesizer

M66238FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66238FP Datasheet PDF - Renesas Technology Corp

Part # M66238FP
Download  M66238FP Click to download

File Size   151.8 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Standard Clock Generator with PLL Frequency Synthesizer

M66238FP Datasheet (HTML) - Renesas Technology Corp


M66238FP Product details

Description
The M66238 is a LSI that incorporates a PLL synthesizer and a sync clock generator in it. The PLL synthesizer covers the range of 25 MHz to 50 MHz at the minimum steps of 3 kHz.
The sync circuit outputs a clock and a one-shot pulse which are synchronized with an external trigger signal. Setting a dividing ratio allows acquisition of sync clock outputs within the range of 0.78 MHz to 25 MHz.

Features
• Sync clock output frequency range: 1/1, 1/2, 1/4, 1/8, 1/16, 1/32 of 25 to 50 MHz
• Sync accuracy (jitter): ±3 ns
• Trigger input: Polarity selectable
• One-shot pulse output: Polarity and width selectable
• 5 V power supply

Application
   Pixel clock generator




Similar Part No. - M66238FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
More results


Similar Description - M66238FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
Clock Synthesizer and Frequency Generator with Peak EMI reduction
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
High Speed Standard Clock Generator With Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
PLL CLOCK GENERATOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com