Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66312FP Datasheet (PDF) - Renesas Technology Corp

M66312FP Datasheet PDF - Renesas Technology Corp
Part # M66312FP
Download  M66312FP Download
File Size   140.88 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit LED Driver with Shift Register and Latched 3-State Outputs

M66312FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66312FP Datasheet PDF - Renesas Technology Corp

Part # M66312FP
Download  M66312FP Click to download

File Size   140.88 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit LED Driver with Shift Register and Latched 3-State Outputs

M66312FP Datasheet (HTML) - Renesas Technology Corp


M66312FP Product details

Description
M66312 is a LED array driver having a 8-bit serial input and parallel output shiftregister function with 3-state output latch.
This product guarantees the output electric current of 16 mA which is sufficient for LED drive, capable of flowing 8 bits continuously at the same time, and use either of cathode common LED and anode common LED.
In addition, as this product has been designed in complete CMOS, power consumption can be greatly reduced when compared with conventional BIPOLAR or Bi-CMOS products.

Features
• High output current IOL = 16 mA, IOH = −16 mA
• High speed (clock frequency): 30 MHz (typ)
   (CL = 50 pF, VCC = 5 V)
• Low power dissipation: 20 µW/package (max)
   (VCC = 5 V, Ta = 25°C, quiescent state)
• 3-state output (except serial data output)
• Wide operating temperature range: Ta = −40 to +85°C

Application
   LED array drive of PRINTER
   LED array drive of BUTTON TELEPHONE




Similar Part No. - M66312FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66312FP MITSUBISHI-M66312FP Datasheet
188Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCHED 3-STATE OUTPUTS
More results


Similar Description - M66312FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66312P MITSUBISHI-M66312P Datasheet
188Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCHED 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
CD4094BC FAIRCHILD-CD4094BC Datasheet
68Kb / 7P
8-Bit Shift Register/Latch with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC595 HITACHI-HD74HC595 Datasheet
57Kb / 10P
8-bit Shift Register/Latch (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
8-bit Shift Register/Latch (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
8-bit Shift Register/Latch (with 3-state outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com