Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66313FP Datasheet (PDF) - Renesas Technology Corp

M66313FP Datasheet PDF - Renesas Technology Corp
Part # M66313FP
Download  M66313FP Download
File Size   157.31 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit LED Driver with Shift Register and Latch

M66313FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66313FP Datasheet PDF - Renesas Technology Corp

Part # M66313FP
Download  M66313FP Click to download

File Size   157.31 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Bit LED Driver with Shift Register and Latch

M66313FP Datasheet (HTML) - Renesas Technology Corp


M66313FP Product details

Description
The M66313FP is a semiconductor integrated circuit for LED array driver with 32-bit serial-input, parallel-output shift register, equipped with direct set input and output latches.

Features
• High output current. All parallel output IOL = +24 mA, LEDs can be turned on simultaneously.
• Low power dissipation : 200 µW/package (max) (VCC = 5 V, Ta = 25°C, quiescent state)
• High noise margin Employment of Schmitt–trigger circuit on all inputs allows application with long wiring.
• Direct set input (SD)
• Open-drain output (Q1 to Q32)
• Serial data output for cascading (SQ32)
• Wide operating temperature range (Ta = −40 to +85°C)
• Pin configuration for easy layout on PCB. (Pin configuration allows easy cascade connection or LED connection)

Application
    LED array drive for eraser unit of a copying machine
    LED array drive of a button telephone set
    Various LED modules




Similar Part No. - M66313FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
More results


Similar Description - M66313FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Panasonic Semiconductor
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
32-bit Shift Register Latch Driver IC
logo
Sanyo Semicon Device
LC7935AN SANYO-LC7935AN Datasheet
91Kb / 5P
General-Purpose 32-Bit Shift Register Latch Driver
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com