Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62352AGP Datasheet (PDF) - Renesas Technology Corp

M62352AGP Datasheet PDF - Renesas Technology Corp
Part # M62352AGP
Download  M62352AGP Download
File Size   136.1 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 12ch D/A Converter with Buffer Amplifiers

M62352AGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62352AGP Datasheet PDF - Renesas Technology Corp

Part # M62352AGP
Download  M62352AGP Click to download

File Size   136.1 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 12ch D/A Converter with Buffer Amplifiers

M62352AGP Datasheet (HTML) - Renesas Technology Corp


M62352AGP Product details

Description

M62352A is a CMOS structured semiconductor integrated circuit integrating 12 channels of built-in D/A converters with high performance buffer operational amplifier or each channel output. The 3-wire serial interface (DI, CLK, LD) method is used for the transfer format or digital data to allow connection with microcomputer with minimum wiring. DO terminal is provided to allow cascading serial use.

Built-in buffer operational amplifiers are designed to operate or full swing in the whole voltage range from VCC to GND for each input/output. And their higher stability for capacitive load perfectly fits in to the use for electronic volume (VCA) or the replacement for semi-variable resistor for tuning.



Features

• 12-bit serial data input (3 wire serial data transfer method, DI, CLK, LD)

• Corresponds to TTL input for digital input (VINH ≥ 2 V, VINL ≤ 0.8 V)

• R-2R + segment method high performance 12ch 8-bit D/A converters

• 12ch buffer operational amplifiers operating in the whole voltage range from VCC to GND

• Buffer operational amplifiers with high oscillation stability for capacitive load



Application

Adjustment or control of industrial or home-use electronic equipments such as VTR camera, VTR set, TV, and CRT display.



 




Similar Part No. - M62352AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62352AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com