Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62367GP Datasheet (PDF) - Renesas Technology Corp

M62367GP Datasheet PDF - Renesas Technology Corp
Part # M62367GP
Download  M62367GP Download
File Size   121.21 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers

M62367GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62367GP Datasheet PDF - Renesas Technology Corp

Part # M62367GP
Download  M62367GP Click to download

File Size   121.21 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers

M62367GP Datasheet (HTML) - Renesas Technology Corp


M62367GP Product details

Description
The M62367GP is a CMOS semiconductor IC has 8 channels of 8-bit D/A converter. It is operable with a low supply voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD) connection with microcomputer.
The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in combination with a microcomputer.

Features
• Operable with a low voltage between 2.7 to 3.6 V
• 12-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 8 channels of R-2R and segment type high-performance 8-bit D/A converters
• 8 buffer operational amplifiers with full swing of output voltage between VCC and GND
• High oscillation stability against the capacitive load of buffer operational amplifiers

Application
   Digital/analog conversion in industrial or home-use electronic equipment.
   Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor).




Similar Part No. - M62367GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62367GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62359P MITSUBISHI-M62359P Datasheet
58Kb / 6P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com