Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA506D Datasheet (PDF) - STMicroelectronics

STTA506D Datasheet PDF - STMicroelectronics
Part # STTA506D
Download  STTA506D Download
File Size   90.79 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE

STTA506D Datasheet (PDF)

Go To PDF Page Download Datasheet
STTA506D Datasheet PDF - STMicroelectronics

Part # STTA506D
Download  STTA506D Click to download

File Size   90.79 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE

STTA506D Datasheet (HTML) - STMicroelectronics


STTA506D Product details

DESCRIPTION

The TURBOSWITCH is a very high performance series of ultra-fast high voltage power diodes from

600V to 1200V. TURBOSWITCH family, drastically cuts losses in both the diode and the associated switching IGBT or MOSFET in all ”freewheel mode” operations and is particularly suitable and efficient in motor control free wheel applications and in booster diode applications in power factor control circuitries. Packaged either in TO-220AC, ISOWATT220AC or in DPAK, these 600V devices are particularly intended for use on 240V domestic mains.



FEATURES AND BENEFITS

SPECIFICTO”FREEWHEEL MODE” OPERATIONS: FREEWHEEL OR BOOSTER DIODE

ULTRA-FAST AND SOFT RECOVERY

VERY LOW OVERALL POWER LOSSES IN BOTH THE DIODE AND THE COMPANION TRANSISTOR

HIGH FREQUENCY OPERATIONS

INSULATED PACKAGE: ISOWATT220AC

      Electrical insulation : 2000VDC

      Capacitance < 12 pF




Similar Part No. - STTA506D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTA506F ISC-STTA506F Datasheet
286Kb / 2P
Ultrafast Recovery Diode
More results


Similar Description - STTA506D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1512P STMICROELECTRONICS-STTA1512P Datasheet
75Kb / 9P
TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTB3006P STMICROELECTRONICS-STTB3006P Datasheet
56Kb / 6P
TURBOSWITCH E B. ULTRA-FAST HIGH VOLTAGE DIODE
May-1995
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com