Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74UH4066 Datasheet (PDF) - Renesas Technology Corp

HD74UH4066 Datasheet PDF - Renesas Technology Corp
Part # HD74UH4066
Download  HD74UH4066 Download
File Size   161.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Analog Switch

HD74UH4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74UH4066 Datasheet PDF - Renesas Technology Corp

Part # HD74UH4066
Download  HD74UH4066 Click to download

File Size   161.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Analog Switch

HD74UH4066 Datasheet (HTML) - Renesas Technology Corp


HD74UH4066 Product details

Description
The HD74UH4066 is high-speed CMOS analog switch using silicon gate CMOS process. With CMOS low power dissipation, it provides high speed. The device has low ON resistance for good transfer characteristics and can take wide range of input voltage.
   
Features
• Encapsulated in very small 5pins package of 2.9 × 1.6 × 1.1 mm,
    the efficiency to mount on substrate is
    significantly improved.
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74HC4066
    Supply voltage range: 2 to 6 V
    Operating temperature range: –40 to +85°C
• | IOH | = IOL = 2 mA (min)
   




Similar Part No. - HD74UH4066

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
More results


Similar Description - HD74UH4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com