Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404318 Datasheet (PDF) - Renesas Technology Corp

HD404318 Datasheet PDF - Renesas Technology Corp
Part # HD404318
Download  HD404318 Download
File Size   305.35 Kbytes
Page   68 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer designed to increase program productivity

HD404318 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404318 Datasheet PDF - Renesas Technology Corp

Part # HD404318
Download  HD404318 Click to download

File Size   305.35 Kbytes
Page   68 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer designed to increase program productivity

HD404318 Datasheet (HTML) - Renesas Technology Corp


HD404318 Product details

Description

The HD404318 Series is 4-bit HMCS400-series microcomputer with large-capacity memory designed to increase program productivity. Each microcomputer has an A/D converter and input capture timer built in. They also come with high-voltage I/O pins that can directly drive a fluorescent display.



Features

•  34 I/O pins

 One input-only pin

 33 input/output pins: 21 pins are high-voltage pins (40 V, max.)

•  On-chip A/D converter (8-bit ×8-channel)

•  Three timers

 One event counter input

 One timer output

 One input capture timer

•  8-bit clock-synchronous serial interface (1 channel)

•  Alarm output

•  Built-in oscillators

 Ceramic or crystal oscillator

 External clock drive is also possible

•  Seven interrupt sources

 Two by external sources

 Three by timers

 One each by the A/D converter and serial interface

•  Two low-power dissipation modes

 Standby mode

 Stop mode

•  Instruction cycle time 1 µs (fosc = 4 MHz)




Similar Part No. - HD404318

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
4-bit HMCS400-series microcomputer
HD404318H HITACHI-HD404318H Datasheet
305Kb / 66P
4-bit HMCS400-series microcomputer
HD404318S HITACHI-HD404318S Datasheet
305Kb / 66P
4-bit HMCS400-series microcomputer
More results


Similar Description - HD404318

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
microcomputer designed to increase program productivity
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
microcomputer with large-capacity memory designed to
logo
Rochester Electronics
M80C31BH ROCHESTER-M80C31BH Datasheet
601Kb / 9P
CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
STMicroelectronics
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
How to program STM8L and STM8AL Flash program memory and data EEPROM
10-Dec-2012
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
How to program STM8T143 OTP options
26-Mar-2013
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
How to program the STM8TL5xxx Flash program memory and data EEPROM
10-Apr-2012
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
9K jumbo frames to increase data transfer rates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com