Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM62V16256C Datasheet (PDF) - Renesas Technology Corp

HM62V16256C Datasheet PDF - Renesas Technology Corp
Part # HM62V16256C
Download  HM62V16256C Download
File Size   101.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4 M SRAM (256-kword 쨈 16-bit)

HM62V16256C Datasheet (PDF)

Go To PDF Page Download Datasheet
HM62V16256C Datasheet PDF - Renesas Technology Corp

Part # HM62V16256C
Download  HM62V16256C Click to download

File Size   101.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4 M SRAM (256-kword 쨈 16-bit)

HM62V16256C Datasheet (HTML) - Renesas Technology Corp


HM62V16256C Product details

Description
The Hitachi HM62V16256C Series is 4-Mbit static RAM organized 262,144-word × 16-bit. HM62V16256C Series has realized higher density, higher performance and low power consumption by employing CMOS process technology (6-transistor memory cell). It offers low power standby power dissipation; therefore, it is suitable for battery backup systems. It is packaged in standard 44-pin plastic TSOPII.

Features
• Single 2.5 V and 3.0 V supply: 2.2 V to 3.6 V
• Fast access time: 55 ns (max)
• Power dissipation:
    - Active: 5.0 mW/MHz (typ)(VCC = 2.5 V) : 6.0 mW/MHz (typ) (VCC = 3.0 V)
    - Standby: 2 µW (typ) (VCC = 2.5 V) : 2.4 µW (typ) (VCC = 3.0 V)
• Completely static memory.
    - No clock or timing strobe required
• Equal access and cycle times
• Common data input and output.
    - Three state output
• Battery backup operation.
    - 2 chip selection for battery backup




Similar Part No. - HM62V16256C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256CBP RENESAS-HM62V16256CBP Datasheet
150Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
logo
Hitachi Semiconductor
HM62V16256CI HITACHI-HM62V16256CI Datasheet
77Kb / 18P
Wide Temperature Range Version4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CLBP-5 RENESAS-HM62V16256CLBP-5 Datasheet
98Kb / 20P
4 M SRAM (256-kword x16-bit)
More results


Similar Description - HM62V16256C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256CBP RENESAS-HM62V16256CBP Datasheet
150Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16256B RENESAS-HM62W16256B Datasheet
96Kb / 18P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI Datasheet
92Kb / 17P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI_15 Datasheet
117Kb / 19P
4 M SRAM (256-kword 쨈 16-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com