Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74BC374A Datasheet (PDF) - Renesas Technology Corp

HD74BC374A Datasheet PDF - Renesas Technology Corp
Part # HD74BC374A
Download  HD74BC374A Download
File Size   100.55 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D Type Flip Flops With 3 State Outputs

HD74BC374A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74BC374A Datasheet PDF - Renesas Technology Corp

Part # HD74BC374A
Download  HD74BC374A Click to download

File Size   100.55 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D Type Flip Flops With 3 State Outputs

HD74BC374A Datasheet (HTML) - Renesas Technology Corp


HD74BC374A Product details

Description
The HD74BC374A provides high drivability and operation equal to or better than high speed bipolar standard logic IC by using Bi-CMOS process. The device features low power dissipation that is about 1/5 of high speed bipolar logic IC, when the frequency is 10 MHz. The device has eight edge triger D type flip flop with three state outputs in a 20 pin package. Data at the D inputs meeting set up reguirements, are transferred to the Q outputs on positive going transitions of the clock input. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements.

Features
• Input/Output are at high impedance state when power supply is off.
• Built in input pull up circuit can make input pins be open, when not used.
• TTL level input
• Wide operating temperature range Ta = –40 to + 85°C




Similar Part No. - HD74BC374A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC374A HITACHI-HD74BC374A Datasheet
39Kb / 9P
Octal D Type Flip Flops With 3 State Outputs
More results


Similar Description - HD74BC374A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
Octal D-type Flip-Flops with 3-state Outputs
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HCT564 RENESAS-HD74HCT564 Datasheet
121Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC564 RENESAS-HD74HC564 Datasheet
120Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com