Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74CDC2509B Datasheet (PDF) - Renesas Technology Corp

HD74CDC2509B Datasheet PDF - Renesas Technology Corp
Part # HD74CDC2509B
Download  HD74CDC2509B Download
File Size   228.2 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3-V Phase-lock Loop Clock Driver

HD74CDC2509B Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74CDC2509B Datasheet PDF - Renesas Technology Corp

Part # HD74CDC2509B
Download  HD74CDC2509B Click to download

File Size   228.2 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3-V Phase-lock Loop Clock Driver

HD74CDC2509B Datasheet (HTML) - Renesas Technology Corp


HD74CDC2509B Product details

Description
The HD74CDC2509B is a high-performance, low-skew, low-jitter, phase-lock loop clock driver. It uses a phase-lock loop (PLL) to precisely align, in both frequency and phase, the feedback (FBOUT) output to the clock (CLK) input signal. It is specifically designed for use with synchronous DRAMs. The HD74CDC2509B operates at 3.3 V VCC and is designed to drive up to five clock loads per output.

Features
• Meets “PC SDRAM registered DIMM design support document, Rev. 1.2”
• Phase-lock loop clock distribution for synchronous DRAM applications
• External feedback (FBIN) pin is used to synchronize the outputs to the clock input
• No external RC network required
• Support spread spectrum clock (SSC) synthesizers




Similar Part No. - HD74CDC2509B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
3.3-V Phase-lock Loop Clock Driver
More results


Similar Description - HD74CDC2509B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510A TI-CDC2510A Datasheet
308Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com