Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC00 Datasheet (PDF) - Renesas Technology Corp

HD74HC00 Datasheet PDF - Renesas Technology Corp
Part # HD74HC00
Download  HD74HC00 Download
File Size   91.63 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NAND Gates

HD74HC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC00 Datasheet PDF - Renesas Technology Corp

Part # HD74HC00
Download  HD74HC00 Click to download

File Size   91.63 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NAND Gates

HD74HC00 Datasheet (HTML) - Renesas Technology Corp


HD74HC00 Product details

•  High Speed Operation: tpd= 8.5 ns typ (CL= 50 pF)



•  High Output Current: Fanout of 10 LSTTL Loads



•  Wide Operating Voltage: VCC= 2 to 6 V



•  Low Input Current: 1 µA max



•  Low Quiescent Supply Current: ICC(static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC00 HITACHI-HD74HC00 Datasheet
48Kb / 8P
Quad. 2-input NAND Gates
logo
Renesas Technology Corp
HD74HC00FPEL RENESAS-HD74HC00FPEL Datasheet
123Kb / 9P
Quad. 2-input NAND Gates
HD74HC00P RENESAS-HD74HC00P Datasheet
123Kb / 9P
Quad. 2-input NAND Gates
HD74HC00RPEL RENESAS-HD74HC00RPEL Datasheet
123Kb / 9P
Quad. 2-input NAND Gates
HD74HC00TELL RENESAS-HD74HC00TELL Datasheet
123Kb / 9P
Quad. 2-input NAND Gates
More results


Similar Description - HD74HC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
Quad 2-Input NAND Gates
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
Quad 2-Input NAND Gates
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
Quad 2-input NAND Gates
HD74LVC00 RENESAS-HD74LVC00 Datasheet
176Kb / 6P
Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A Datasheet
67Kb / 9P
Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
Quad. 2-input NAND Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com