Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC1G14 Datasheet (PDF) - Renesas Technology Corp

HD74HC1G14 Datasheet PDF - Renesas Technology Corp
Part # HD74HC1G14
Download  HD74HC1G14 Download
File Size   55.57 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Inverter with Schmitt-trigger Input

HD74HC1G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC1G14 Datasheet PDF - Renesas Technology Corp

Part # HD74HC1G14
Download  HD74HC1G14 Click to download

File Size   55.57 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Inverter with Schmitt-trigger Input

HD74HC1G14 Datasheet (HTML) - Renesas Technology Corp


HD74HC1G14 Product details

Description
The HD74HC1G14 is high-speed CMOS Schmitt–trigger inverter using silicon gate CMOS process. With CMOS low power dissipation, it provides high-speed equivalent to LS–TTL series. The internal circuit of three stages construction with buffer provides wide noise margin and stable output.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74HC14
    Supply voltage range : 2 to 6 V
    Operating temperature range : –40 to +85°C
• |IOH| = IOL = 2 mA (min)




Similar Part No. - HD74HC1G14

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC1G14 HITACHI-HD74HC1G14 Datasheet
231Kb / 9P
Inverter with Schmitt-trigger Input
More results


Similar Description - HD74HC1G14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HCT1G14 RENESAS-HD74HCT1G14 Datasheet
55Kb / 8P
Inverter with Schmitt-trigger Input
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
Hex Inverter with Schmitt Trigger Input
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A_15 Datasheet
139Kb / 9P
Inverter with Schmitt-trigger Input /
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14_14 Datasheet
123Kb / 6P
Single Inverter with Schmitt-Trigger Input
March, 2014 ??Rev. 12
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
MC74HC1G14 ONSEMI-MC74HC1G14_18 Datasheet
172Kb / 9P
Single Inverter with Schmitt-Trigger Input
November, 2018 ??Rev. 13
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com