Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C30L Datasheet (PDF) - Renesas Technology Corp

M16C30L Datasheet PDF - Renesas Technology Corp
Part # M16C30L
Download  M16C30L Download
File Size   2527.77 Kbytes
Page   166 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M16C30L Datasheet (PDF)

Go To PDF Page Download Datasheet
M16C30L Datasheet PDF - Renesas Technology Corp

Part # M16C30L
Download  M16C30L Click to download

File Size   2527.77 Kbytes
Page   166 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M16C30L Datasheet (HTML) - Renesas Technology Corp


M16C30L Product details

Description
The M16C/30L group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, low voltage (2.2V to 3.6V), they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communications, industrial equipment, and other high-speed processing applications. The M16C/30L group includes a wide range of products with different internal memory sizes and various package types.

Features
• Memory capacity..................................ROM (See Figure 1.1.4. ROM Expansion)
RAM 2K to 3K bytes
• Shortest instruction execution time ......62.5ns (f(XIN)=16MHZ, VCC=3.0V to 3.6V)
142.9ns (f(XIN)=7MHZ, VCC=2.4V to 3.6V without software wait)
• Supply voltage .....................................3.0V to 3.6V (f(XIN)=16MHZ, without software wait)
2.4V to 3.6V (f(XIN)=7MHZ, without software wait)
2.2V to 3.6V (f(XIN)=7MHZ, with software one-wait)
• Low power consumption ......................34.0mW (VCC = 3V, f(XIN)=10MHZ, without software wait)
66.0mW (VCC = 3.3V, f(XIN)=16MHZ, without software wait)
• Interrupts..............................................16 internal and 5 external interrupt sources, 4 software
interrupt sources; 7 levels (including key input interrupt)
• Multifunction 16-bit timer......................3 output timers + 2 input timers
• Serial I/O ..............................................3 channels (3 for UART or clock synchronous)
• DMAC ..................................................1 channels (trigger: 14 sources)
• A-D converter.......................................10 bits X 8 channels (Expandable up to 10 channels)
• Watchdog timer....................................1 line
• Programmable I/O port ........................87 lines
• Input port..............................................1 line (P85 shared with NMI pin)
• Memory expansion ..............................Available (to a maximum of 1M bytes)
• Chip select output ................................4 lines
• Clock generating circuit .......................2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)

Applications
Audio, cameras, office equipment, communications equipment, portable equipment




Similar Part No. - M16C30L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C30P RENESAS-M16C30P Datasheet
652Kb / 57P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30P RENESAS-M16C30P Datasheet
3Mb / 317P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/30 SERIES
M16C30P RENESAS-M16C30P_07 Datasheet
3Mb / 317P
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/30 SERIES
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M16C30L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com