Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7477 Datasheet (PDF) - Renesas Technology Corp

7477 Datasheet PDF - Renesas Technology Corp
Part # 7477
Download  7477 Download
File Size   770.74 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

7477 Datasheet (PDF)

Go To PDF Page Download Datasheet
7477 Datasheet PDF - Renesas Technology Corp

Part # 7477
Download  7477 Click to download

File Size   770.74 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

7477 Datasheet (HTML) - Renesas Technology Corp


7477 Product details

DESCRIPTION
The 7477/7478 group is the single-chip microcomputer designed with CMOS silicon gate technology.
The single-chip microcomputer is useful for business equipment and other consumer applications.
In addition to its simple instruction set, the ROM, RAM, and I/O addresses are placed on the same memory map to enable easy programming.
In addition, built-in PROM type microcomputers with built-in electrically writable PROM, and additional functions equivalent to the mask ROM version are also available.
7477/7478 group products are shown noted below. The 7477 and the 7478 differ in the number of I/O ports, package outline, and clock generating circuit only.

FEATURES
● Basic machine-language instructions ...................................... 71
● Memory size
   ROM................. 16384 bytes (M37477M8/E8, M37478M8/E8)
   RAM ..................... 384 bytes (M37477M8/E8, M37478M8/E8)
● The minimum instruction execution time
   ......................................0.5µs (at 8MHz oscillation frequency)
● Power source voltage
   .......... 2.7 to 4.5V (at 2.2VCC – 2.0MHz oscillation frequency)
   ............................. 4.5 to 5.5V (at 8MHz oscillation frequency)
● Power dissipation in normal mode
   .................................... 35mW (at 8MHz oscillation frequency)
● Subroutine nesting
   ................... 192 levels max. (M37477M8/E8, M37478M8/E8)
● Interrupt .................................................... 13 sources, 11 vectors
● 8-bit timers ................................................................................. 4
● Programmable I/O ports
   (Ports P0, P1, P4) .......................................... 18 (7477 group)
                                                                            20 (7478 group)
● Input ports (Ports P2, P3) .................................... 8 (7477 group)
                      (Ports P2, P3, P5) ............................16 (7478 group)
● 8-bit serial I/O ........................... 1 (UART or clock-synchronized)
● 8-bit A-D converter ................................ 4 channels (7477 group)
                                                                    8 channels (7478 group)

APPLICATIONS
   Audio-visual equipment, VCR, Tuner,
   Office automation equipment
   Extended operating temperature range version
      ……………………………………………… Automotive controls




Similar Part No. - 7477

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7477 RENESAS-7477 Datasheet
4Mb / 361P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7477 RENESAS-7477 Datasheet
4Mb / 354P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
logo
Tyco Electronics
747784-3 MACOM-747784-3 Datasheet
45Kb / 1P
JACKSCREW, MALE, AMPLIMITE, HDP-20
More results


Similar Description - 7477

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com