Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4912 Datasheet (PDF) - Mospec Semiconductor

2N4912 Datasheet PDF - Mospec Semiconductor
Part # 2N4912
Download  2N4912 Download
File Size   188.46 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(1A,80V,25W)

2N4912 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4912 Datasheet PDF - Mospec Semiconductor

Part # 2N4912
Download  2N4912 Click to download

File Size   188.46 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(1A,80V,25W)

2N4912 Datasheet (HTML) - Mospec Semiconductor


2N4912 Product details

NPN SILICON TRANSISTORS

... designed for driver circuits, switching and amplifier applications.

FEATURES
* Low Collector-Emitter Saturation Voltage
   VCE(sat)=0.6 V (Max.) @ Ic = 1.0 A
* Excellent Safe Operating Area
* Gain Specified to Ic = 1.0 Amp.
* Complement to PNP 2N499.




Similar Part No. - 2N4912

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4912 CENTRAL-2N4912 Datasheet
51Kb / 1P
Power Transistors
logo
List of Unclassifed Man...
2N4912 ETC-2N4912 Datasheet
347Kb / 8P
Power Transistors
logo
Inchange Semiconductor ...
2N4912 ISC-2N4912 Datasheet
57Kb / 2P
Silicon NPN Power Transistor
logo
Seme LAB
2N4912 SEME-LAB-2N4912 Datasheet
88Kb / 3P
SILICON EPITAXIAL NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4912 NJSEMI-2N4912 Datasheet
188Kb / 2P
MEDIUM-POWER NPN SILICON TRANSISTORS
More results


Similar Description - 2N4912

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4898 MOSPEC-2N4898 Datasheet
180Kb / 4P
POWER TRANSISTORS(1A, 25W)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
Power Transistor (80V, 1A)
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
Power Transistor(-80V,-1A)
Rev.A
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
Power Transistor(-80V,-1A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com