Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU13NC50 Datasheet (PDF) - STMicroelectronics

STU13NC50 Datasheet PDF - STMicroelectronics
Part # STU13NC50
Download  STU13NC50 Download
File Size   258.02 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh™ I MOSFET

STU13NC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
STU13NC50 Datasheet PDF - STMicroelectronics

Part # STU13NC50
Download  STU13NC50 Click to download

File Size   258.02 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh™ I MOSFET

STU13NC50 Datasheet (HTML) - STMicroelectronics


STU13NC50 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 0.31Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ UNINTERRUPTIBLE POWER SUPPLIES (UPS)
■ DC-AC CONVERTERS FOR TELECOM, INDUSTRIAL, AND LIGHTING EQUIPMENT




Similar Part No. - STU13NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU13N60M2 STMICROELECTRONICS-STU13N60M2 Datasheet
1Mb / 18P
N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STU13N65M2 STMICROELECTRONICS-STU13N65M2 Datasheet
551Kb / 16P
N-channel 650 V, 0.37 Ω typ.,10 A MDmesh™ M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU13NM60N STMICROELECTRONICS-STU13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
logo
Inchange Semiconductor ...
STU13NM60N ISC-STU13NM60N Datasheet
314Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - STU13NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU10NC70Z STMICROELECTRONICS-STU10NC70Z Datasheet
409Kb / 10P
N-CHANNEL 700V - 0.58ohm - 9.4A Max220/I-Max220 Zener-Protected PowerMESH™ II MOSFET
Sep-2000
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
Sep-1999
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh™ I MOSFET
Oct-2001
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
Dec-1998
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STU9NC80Z STMICROELECTRONICS-STU9NC80Z Datasheet
407Kb / 10P
N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
logo
Unisonic Technologies
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
13A, 500V N-CHANNEL MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com