Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY20AAJ-8 Datasheet (PDF) - Renesas Technology Corp

CY20AAJ-8 Datasheet PDF - Renesas Technology Corp
Part # CY20AAJ-8
Download  CY20AAJ-8 Download
File Size   159.59 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Nch IGBT for Strobe Flash

CY20AAJ-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY20AAJ-8 Datasheet PDF - Renesas Technology Corp

Part # CY20AAJ-8
Download  CY20AAJ-8 Click to download

File Size   159.59 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Nch IGBT for Strobe Flash

CY20AAJ-8 Datasheet (HTML) - Renesas Technology Corp


CY20AAJ-8 Product details

Features
• VCES : 400 V
• ICM : 130 A
• Drive voltage : 4 V

Applications
   Strobe flash for cameras




Similar Part No. - CY20AAJ-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CY20AAJ-8F POWEREX-CY20AAJ-8F Datasheet
21Kb / 2P
Nch IGBT for STROBE FLASHER
logo
Renesas Technology Corp
CY20AAJ-8F RENESAS-CY20AAJ-8F Datasheet
196Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAJ-8F-T13 RENESAS-CY20AAJ-8F-T13 Datasheet
196Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAJ-8H RENESAS-CY20AAJ-8H Datasheet
73Kb / 5P
Nch IGBT for Strobe Flasher
CY20AAJ-8H-T13 RENESAS-CY20AAJ-8H-T13 Datasheet
73Kb / 5P
Nch IGBT for Strobe Flasher
More results


Similar Description - CY20AAJ-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
Nch IGBT for Strobe Flash
RJP4007ANS RENESAS-RJP4007ANS Datasheet
96Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
Nch IGBT for Strobe Flash
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
Nch IGBT for Strobe Flash
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com