Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC149 Datasheet (PDF) - Renesas Technology Corp

HD74HC149 Datasheet PDF - Renesas Technology Corp
Part # HD74HC149
Download  HD74HC149 Download
File Size   169.09 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-to-8-line Priority Encoder

HD74HC149 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC149 Datasheet PDF - Renesas Technology Corp

Part # HD74HC149
Download  HD74HC149 Click to download

File Size   169.09 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-to-8-line Priority Encoder

HD74HC149 Datasheet (HTML) - Renesas Technology Corp


HD74HC149 Product details

Description
The HD74HC149 is priority encoder which has 8 input lines (0 - 7) and 8 output lies (Y0 - Y7).
It is the logical combination of a HD74HC148 8-3 line priority encoder driving a HD74HC138 3-8 line decoder.
Only one request output can be low at a time. The output that is low is dependent on the highest priority request that is low. The order of priority is 7 highest and 0 lowest.

Features
• High Speed Operation: tpd (0 - 7 to Y) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC149

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC149 HITACHI-HD74HC149 Datasheet
60Kb / 9P
8-to-8-line Priority Encoder
More results


Similar Description - HD74HC149

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Oct-1992
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
8-Line to 3-Line Priority Encoder
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
8-to-3-line Octal Priority Encoder
HD74HC149 HITACHI-HD74HC149 Datasheet
60Kb / 9P
8-to-8-line Priority Encoder
logo
STMicroelectronics
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Jul-2001
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
8-TO-3 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
8-3 Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
8-to-3 Line Priority Encoder
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com